PART |
Description |
Maker |
ADP3121 |
12V MOSFET Driver
|
ON Semiconductor
|
HIP6601B HIP6603B HIP6604B |
MOSFET Driver, Dual N-Channel, 730mA, 12V Low Side, 5/12V High Side, use with Multiphase Controller, POR=7.6V MOSFET Driver, Dual N-Channel, 730mA, 5/12V Low Side, 5/12V High Side, use with Multiphase Controller, POR=7.6V MOSFET Driver, Dual N-Channel, 730mA, 12V Low Side and 5/12V High Side or 5/12V High and Low Side, use with Multiphase Controller, POR=7.6V
|
Intersil
|
FAN5009 |
Dual Bootstrapped 12V MOSFET Driver
|
FAIRCHILD
|
CHL8510 CHL8510CRT IR3537MPBF |
12V High Efficiency MOSFET Driver with Variable Gate Drive
|
International Rectifier
|
RF1K49211 FN4303 |
7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFETPower MOSFET 7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET⑩ Power MOSFET From old datasheet system 7A, 12V, 0.020 Ohm, Logic Level, Single Channel LittleFET Power MOSFET 7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET Power MOSFET 7A/ 12V/ 0.020 Ohm/ Logic Level/ Single N-Channel LittleFET Power MOSFET
|
INTERSIL[Intersil Corporation]
|
RF1K49090 RF1K4909096 |
3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET?Power MOSFET 3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET Power MOSFET 3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET PowerMOSFET 3.5A 12V 0.050 Ohm Logic Level Dual N-Channel LittleFET Power MOSFET 3.5A, 12V, 0.050 OHM, LOGIC LEVEL, DUAL N-CHANNEL LITTLEFET⒙ POWER MOSFET 3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFETPower MOSFET 3.5 A, 12 V, 0.05 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
ISL6207 ISL6207CB ISL6207CB-T ISL6207CBZ ISL6207CB |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 4 A HALF BRDG BASED MOSFET DRIVER, PQCC8 PT 14C 14#20 PIN/SKT RECP 4 A HALF BRDG BASED MOSFET DRIVER, PDSO8 PT 10C 10#20 PIN/SKT RECP 4 A HALF BRDG BASED MOSFET DRIVER, PDSO8 High Voltage Synchronous Rectified Buck MOSFET Driver 4 A HALF BRDG BASED MOSFET DRIVER, PQCC8
|
Intersil, Corp. Intersil Corporation
|
MC33191P |
Automotive 12V ignition driver
|
Motorola, Inc
|
RF1K49090 FN3985 |
3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET⑩ Power MOSFET From old datasheet system 3.5A 12V 0.050 Ohm Logic Level Dual N-Channel LittleFET Power MOSFET 3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET Power MOSFET
|
INTERSIL[Intersil Corporation]
|
L6239 |
12V Disk Drive Spindle Driver(12V磁盘驱动主轴驱动
|
意法半导
|
210-99-648-41-001 210-91-306-41-001 210-91-308-41- |
PWR SUP 250W 3.3/5/12/-12V QUAD 双列直插式插座封闭框架焊 CONVERTER DC-DC 20W 12V/15V SGL 双列直插式插座封闭框架焊 Dual-in-line sockets Closed frame Solder tail 双列直插式插座封闭框架焊 CONVERTER DC-DC 20W 12V/5V DUAL CONVERTER DC-DC 20W 12V/12V SGL CONVERTER DC-DC 20W 24V/15V DUAL Dual-in-linesocketsClosedframeSoldertail
|
PRECI-DIP SA Precid-DipDurtalSA PREDIP[Precid-Dip Durtal SA]
|
MAX5048 MAX5048AAUT-T MAX5048BAUT-T |
GT 2C 2#4 SKT PLUG 7.6 A BUF OR INV BASED MOSFET DRIVER, PDSO6 MS/STANDARD CYLINDRICAL MIL-C-5015 TYPE CONNECTORS, STRAIGHT BODY STYLE, SOLDER TERMINATION, 14S SHELL SIZE, 14S-6 INSERT ARRANGEMENT, PLUG GENDER, 6 CONTACTS 7.6A, 12ns, SOT23 MOSFET Driver 7.6A 12ns SOT23 MOSFET Driver
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
|